|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
APM9424K N-Channel Enhancement Mode MOSFET Features * * * * 20V/10A, RDS(ON)=10m(typ.) @ VGS=4.5V RDS(ON)=15m(typ.) @ VGS=2.5V Super High Dense Cell Design Reliable and Rugged Lead Free Available (RoHS Compliant) Pin Description D D D D S S S G Top View of SOP - 8 ( 5,6,7,8 ) D D DD Applications * Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems (4) G SSS (1, 2, 3) N-Channel MOSFET Ordering and Marking Information APM9424 Lead Free Code Handling Code Tem p. Range Package Code Package Code K : SOP-8 Operating Junction Tem p. Range C : -55 to 150C Handling Code TU : Tube TR : Tape & Reel Lead Free Code L : Lead Free Device Blank : Original Device XXXXX - Date Code APM9424 K : APM9424 XXXXX Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature. ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005 1 www.anpec.com.tw APM9424K Absolute Maximum Ratings Symbol VDSS VGSS ID* IDM* IS* TJ TSTG PD* RJA* Note: *Surface Mounted on 1in pad area, t 10sec. 2 (TA = 25C unless otherwise noted) Rating 20 16 VGS=4.5V 10 40 2.3 150 -55 to 150 TA=25C TA=100C 2 0.8 62.5 W C/W A C V A Unit Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Diode Continuous Forward Current Maximum Junction Temperature Storage Temperature Range Maximum Power Dissipation Thermal Resistance-Junction to Ambient Electrical Characteristics Symbol Parameter (TA = 25C unless otherwise noted) APM9424K Min. Typ. Max. Test Condition Unit Static Characteristics BVDSS Drain-Source Breakdown Voltage IDSS VGS(th) IGSS RDS(ON) VSD a a VGS=0V, IDS=250A VDS=16V, VGS=0V TJ=85C VDS=VGS, IDS=250A VGS=16V, VDS=0V VGS=4.5V, IDS=10A VGS=2.5V, IDS=8A ISD=2.3A , VGS=0V 20 1 30 0.7 0.9 10 15 0.8 1.5 100 13 20 1.3 V A V nA m V Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current Drain-Source On-state Resistance Diode Forward Voltage b Gate Charge Characteristics Qg Total Gate Charge Qgs Qgd Gate-Drain Charge 28.2 VDS=10V, VGS=4.5V, IDS=10A 5.2 7.6 37 nC Gate-Source Charge Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005 2 www.anpec.com.tw APM9424K Electrical Characteristics (Cont.) Symbol Parameter b (TA = 25C unless otherwise noted) Test Condition APM9424K Min. Typ. Max. Unit Dynamic Characteristics RG Gate Resistance Ciss Coss Crss td(ON) Tr td(OFF) Tf Notes: VGS=0V,VDS=0V,F=1MHz VGS=0V, VDS=15V, Frequency=1.0MHz 2.1 2400 720 480 35 70 160 235 85 80 115 40 pF Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time VDD=10V, RL=10, IDS=1A, VGEN=4.5V, RG=6 ns a : Pulse test ; pulse width300s, duty cycle2%. b : Guaranteed by design, not subject to production testing. Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005 3 www.anpec.com.tw APM9424K Typical Characteristics Power Dissipation 2.5 12 Drain Current 2.0 10 Ptot - Power (W) ID - Drain Current (A) 8 1.5 6 1.0 4 0.5 o 2 TA=25 C 0 20 40 60 80 100 120 140 160 TA=25 C,VG=4.5V 0 0 20 40 60 80 100 120 140 160 o 0.0 Tj - Junction Temperature (C) Tj - Junction Temperature (C) Safe Operation Area Normalized Transient Thermal Resistance 100 it Thermal Transient Impedance 2 1 Duty = 0.5 0.2 Rd 10 s( on )L im 1ms ID - Drain Current (A) 10ms 0.1 0.1 0.05 0.02 0.01 1 100ms 1s 0.01 Single Pulse Mounted on 1in pad o RJA : 62.5 C/W 2 0.1 DC 0.01 0.01 TA=25 C 0.1 1 10 100 o 1E-3 1E-4 1E-3 0.01 0.1 1 10 30 VDS - Drain - Source Voltage (V) Square Wave Pulse Duration (sec) Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005 4 www.anpec.com.tw APM9424K Typical Characteristics (Cont.) Output Characteristics 30 VGS= 3, 4, 5, 6, 7, 8, 9, 10V 25 Drain-Source On Resistance RDS(ON) - On - Resistance (m) 25 20 VGS=2.5V 15 ID - Drain Current (A) 20 15 2V 10 10 VGS=4.5V 5 1.5V 0 5 0 0 2 4 6 8 10 0 5 10 15 20 25 30 VDS - Drain - Source Voltage (V) ID - Drain Current (A) Transfer Characteristics 30 1.8 Gate Threshold Voltage IDS=250 1.6 Normalized Threshold Voltage 25 1.4 1.2 1.0 0.8 0.6 0.4 0.2 ID - Drain Current (A) 20 Tj=125 C o 15 10 Tj=25 C Tj=-55 C o o 5 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0.0 -50 -25 0 25 50 75 100 125 150 VGS - Gate - Source Voltage (V) Tj - Junction Temperature (C) Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005 5 www.anpec.com.tw APM9424K Typical Characteristics (Cont.) Drain-Source On Resistance 1.8 VGS = 4.5V 1.6 IDS = 10A 10 o Source-Drain Diode Forward 30 Normalized On Resistance 1.2 1.0 0.8 0.6 0.4 -50 -25 RON@Tj=25 C: 10m 0 25 50 75 100 125 150 o IS - Source Current (A) 1.4 Tj=150 C 1 Tj=25 C o 0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 Tj - Junction Temperature (C) VSD - Source - Drain Voltage (V) Capacitance 4500 Frequency=1MHz 4000 3500 5 VDS=10V IDS= 10A Gate Charge 3000 2500 2000 1500 1000 Crss 500 0 Coss Ciss VGS - Gate-source Voltage (V) 20 4 C - Capacitance (pF) 3 2 1 0 4 8 12 16 0 0 5 10 15 20 25 30 35 VDS - Drain - Source Voltage (V) QG - Gate Charge (nC) Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005 6 www.anpec.com.tw APM9424K Packaging Information SOP-8 pin ( Reference JEDEC Registration MS-012) E H e1 D e2 A1 A 1 L 0.004max. Dim A A1 D E H L e1 e2 1 Mi ll im et er s Min. 1. 35 0. 10 4. 80 3. 80 5. 80 0. 40 0. 33 1. 27B S C 8 Max . 1. 75 0. 25 5. 00 4. 00 6. 20 1. 27 0. 51 Min. 0. 053 0. 004 0. 189 0. 150 0. 228 0. 016 0. 013 0.015X45 Inche s Max . 0. 069 0. 010 0. 197 0. 157 0. 244 0. 050 0. 020 0. 50B S C 8 Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005 7 www.anpec.com.tw APM9424K Physical Specifications Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3. Reflow Condition TP (IR/Convection or VPR Reflow) tp C ritical Zone T L to T P R am p-up T e m p e ra tu re TL T sm ax tL T sm in R am p-down ts Preheat 25 t 25 C to Peak T im e Classification Reflow Profiles Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Time maintained above: - Temperature (TL) - Time (tL) Peak/Classificatioon Temperature (Tp) Time within 5C of actual Peak Temperature (tp) Ramp-down Rate Sn-Pb Eutectic Assembly 3C/second max. 100C 150C 60-120 seconds 183C 60-150 seconds See table 1 10-30 seconds Pb-Free Assembly 3C/second max. 150C 200C 60-180 seconds 217C 60-150 seconds See table 2 20-40 seconds 6C/second max. 6C/second max. 6 minutes max. 8 minutes max. Time 25C to Peak Temperature Notes: All temperatures refer to topside of the package .Measured on the body surface. Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005 8 www.anpec.com.tw APM9424K Classification Reflow Profiles(Cont.) Table 1. SnPb Entectic Process - Package Peak Reflow Tem peratures 3 3 Package Thickness Volum e m m Volum e m m <350 350 <2.5 m m 240 +0/-5C 225 +0/-5C 2.5 m m 225 +0/-5C 225 +0/-5C Table 2. Pb-free Process - Package Classification Reflow Tem peratures 3 3 3 Package Thickness Volum e mm Volum e mm Volum e mm <350 350-2000 >2000 <1.6 m m 260 +0C* 260 +0C* 260 +0C* 1.6 m m - 2.5 m m 260 +0C* 250 +0C* 245 +0C* 2.5 m m 250 +0C* 245 +0C* 245 +0C* *Tolerance: The device m anufacturer/supplier shall assure process com patibility up to and including the stated classification tem perature (this m eans Peak reflow tem perature +0C. For exam ple 260C+0C) at the rated MSL level. Reliability Test Program Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @ 125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles Carrier Tape & Reel Dimensions t E Po P P1 D F W Bo Ao D1 Ko Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005 9 www.anpec.com.tw APM9424K Carrier Tape & Reel Dimensions(Cont.) T2 J C A B T1 Application A 3301 B 62 1.5 C 12.75 + 0.1 5 J 2 + 0.5 T1 12.4 +0.2 T2 2 0.2 Ao 6.4 0.1 W 12 + 0.3 - 0.1 Bo 5.2 0.1 P 8 0.1 E 1.75 0.1 SOP-8 F D D1 Po P1 5.5 0.1 1.550.1 1.55+ 0.25 4.0 0.1 2.0 0.1 Ko t 2.1 0.1 0.30.013 (mm) Cover Tape Dimensions Application SOP- 8 Carrier Width 12 Cover Tape Width 9.3 Devices Per Reel 2500 Customer Service Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369 Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005 10 www.anpec.com.tw |
Price & Availability of APM9424KC-TR |